Part Number Hot Search : 
MAXIM S4025R 1002F SC190 C9835CY GP2021 MP6TP MAXIM
Product Description
Full Text Search
 

To Download GPF1001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  - 490 - .272(6.9) .248(6.3) .543(13.8) .512(13.2) .110(2.8) .098(2.5) .606(15.5) .583(14.8) .112(2.85) .100(2.55) .134(3.4)dia .113(3.0)dia   
            
 
            
  
 pin 1 pin 3 positive ct pin 2 GPF1001 thru gpf1007 isolation 10.0 amps. glass passivated rectifiers voltage range 50 to 1000 volts current 10.0 amperes features low forward voltage drop high current capability high reliability high surge current capability mechanical data cases: ito-220ab molded plastic epoxy: ul 94v-0 rate flame retardant terminals: leads solderable per mil-std- 202, method 208 guaranteed polarity: as marked high temperature soldering guaranteed: 260 / 0.25? (6.35mm) from case 10 seconds mounting torque: 5 in ? 1bs max. weight: 2.24 grams ito-220ab dimensions in inches and (millimeters) maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol gpf 1001 gpf 1002 gpf 1003 gpf 1004 gpf 1005 gpf 1006 gpf 1007 units maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum avera g e forward rectified current @t c = 100 i (av) 10.0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 125 a maximum instantaneous forward voltage @5.0a v f 1.1 v maximum dc reverse current @ t c =25 at rated dc blocking voltage i r 5.0 ua typical junction capacitance ( note 1) cj 30 pf typical thermal resistance (note 2) r jc 5.0 /w operating and storage temperature range t j ,t stg - 65 to + 150 notes: 1. measured at 1 mhz and applied reverse voltage of 4.0 volts d.c. 2. thermal resistance from junction to case mounted on heatsink size 2? x 3? x 0.25? al-plate
- 491 - fig.2- maximum non-repetitive forward surge current peak for ward surge current . (a) 1 2 5 10 20 100 50 25 0 50 75 125 100 150 175 number of cycles at 60hz 8.3ms single half sine wave jedec method fig.3- typical instantaneous forward characteristics per leg instantaneous for ward current . (a) .6 .8 1.0 1.2 1.4 1.6 1.8 2.0 0.1 0.4 0.2 1 4 2 10 20 40 100 200 400 forward voltage. (v) fig.4- typical reverse characteristics per leg instantaneous reverse current .( a) 0 20 40 60 80 100 120 140 .1 .4 .2 1.0 4 40 2 10 100 percent of rated peak reverse voltage. (%) tj=25 c 0 tj=125 c 0 fig.5- typical junction capacitance junction cap acitance.(pf) 0.1 0.5 1.0 4 10 40 100 1000 400 20 0 40 60 100 80 120 reverse voltage. (v) tj=25 c 0 f=10 mhz vsig 50mvp-p fig.1- maximum forward current derating curve average for ward current . (a) 0 50 100 150 2 4 6 8 10 12 case temperature. ( c) o single phase half wave 60hz resistive of inductive load ratings and characteristic curves (GPF1001 thr gpf1007) u tj=25 c pulse width=300 s 1% duty cycle o


▲Up To Search▲   

 
Price & Availability of GPF1001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X